Part Number Hot Search : 
167BZXI 3105V 10A00 EPA2127A EC3CB14 Q980000 MX29LV 83251
Product Description
Full Text Search
 

To Download 2SK1835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1835
Silicon N Channel MOS FET
Application
High speed power switching
TO-3P
Features
* * * * * High breakdown voltage (VDSS = 1500V) High speed switching Low drive current No secondary breakdown Suitable for switchingregulator
G 1 2 D
3 1. Gate 2. Drain (Flange) 2. Drain (Flange) 3. Source 3. Source
S
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature * ** PW 10 s, duty cycle 1 % Value at Tc = 25 C Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 1500 20 4 10 4 125 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
2SK1835
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Symbol V(BR)DSS IGSS IDSS VGS(off) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 1500 Typ -- Max -- Unit V Test Conditions ID = 10 mA, VGS = 0 VGS = 20 V, VDS = 0 VDS = 1200 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 2 A VGS = 15 V * ID = 2 A VDS = 20V * VDS = 10 V VGS = 0 f = 1 MHz ID = 2A VGS = 10 V RL = 15
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- -- 2.0 -- -- -- -- 4.6 1 500 4.0 7.0 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
0.9 1.4 -- S
--------------------------------------------------------------------------------------
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time * Pulse Test -- -- -- -- -- -- -- -- 1700 230 100 25 80 230 80 0.85 -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V IF = 4 A, VGS = 0 IF = 4 A, VGS = 0, diF / dt = 100 A / s
---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 2500 -- ns
--------------------------------------------------------------------------------------
2SK1835
Power vs. Temperature Derating
200
Maximum Safe Operation Area
50 30
Pch (W)
s s 10 0 10 s m 1
150
10 Drain Current I D (A)
Channel Dissipation
3 1
D
C
PW
O pe ra
100
=
n
10
(T
tio
m
s
(1
c
=
sh
50
0.3 0.1
Operation in this area is ilmited by R DS (on) Ta = 25C
25
ot
)
C
)
0
50 100 Case Temperature
150 Tc (C)
200
0.05 10
30
100
300
1000
3000
10000
Drain to Source Voltage VDS (V)
Typical Output Characteristics
5 10 V Pulse Test 4 Drain Current I D (A) Drain Current I D (A) 6V 3 4 8V 5
Typical Transfer Characteristics
Tc = -25C VDS = 20 V Pulse Test 25C
3
75C
2
5V
2
1
V GS = 4 V
1
0
10
20
30
40
50
0
2
4
6
8
10
Drain to Source Voltage VDS (V)
Gate to Source Voltage VGS (V)
2SK1835
Drain-Source Saturation Voltage vs. Gate-Source Voltage
25 Pulse Test Drain to Source Saturation Voltage V DS (on) (V) 20 Static Drain-Source on State Resistance R DS (on) ( ) 20 10 5 50
Static Drain-Source on State Resistance vs. Drain Current
Pulse Test VGS = 10 V
15
3A
15 V
10
2A
2 1 0.5 0.2
5
ID = 1 A
0
4
8
12
16
20
0.5
1
2
5
10
20
Gate to Source Voltage V GS (V)
Drain Current I D (A)
Static Drain-Source on State Resistance vs. Temperature
25 10 5 Forward Transfer Admittance |yfs| (S)
Forward Transfer Admittance vs. Drain Current
Static Drain-Source on State Resistance R DS (on) ( )
20
Pulse Test V GS = 15 V
Pulse Test V DS = 20 V Tc = -25C
2 1
15 ID= 3 A 10 2A 5 1A
25C
75C 0.5
0.2 0 -40 0.1 0.05
0
40
80
120
160
0.1
0.2
0.5
1
2
5
Case Temperature T C (C)
Drain Current I D (A)
2SK1835
Body-Drain Diode Reverse Recovery Time
5000 10000
Typical Capacitance vs. Drain-Source Voltage
Reverse Recovery Time trr (ns)
2000 Capacitance C (pF) 1000 500 1000
Ciss
di / dt = 100 A / s VGS = 0, Ta = 25C
Coss
200 100 5 0.1
100 Crss V GS = 0 f = 1 MHz 10 0
0.2
0.5
1
2
5
10
10
20
30
40
50
Reverse Drain Current I DR (A)
Drain to Source Voltage V DS
Dynamic Input Characteristics
1000 ID =4A Drain to Source Voltage V DS (V) 800 VGS 600 V DS V DD = 600 V 400 400 V 250 V 200 V DD = 600 V 400 V 250 V 0 40 80 120 160 0 200 4 20 8 12 16 Switching Time t (ns) 20 1000 500
Switching Characteristics
td (off)
200 100 50 tr tf
VGS = 10 V, duty PW = 5 s 0.1 0.2
1%
10 0.05
0.5
1
2
5
Gate Charge Qg (nc)
Drain Current I D (A)
2SK1835
Reverse Drain Current vs. Source to Drain Voltage
5 Pulse Test Reverse Drain Current I DR (A) 4
3
2
1
V GS = 15 V
0,-5 V
0 0 0.4 0.8 1.2 1.6 2.0 Source to Drain Voltage V SD (V)
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t) 3 D=1 0.5 0.3 0.2 0.1 0.1 0.05 0.02
1 sh ot P ulse
1.0
Tc = 25C
ch - c(t) = s(t) . ch - c ch - c = 1.0C / W, Tc = 25C PW D= T P DM T PW
0.03 0.01 10
0.01
100
1m
10 m Pulse Width PW (S)
100 m
1
10
2SK1835
Switching Time Test Circuit
Waveforms
Vin Monitor 90 % Vout Monitor D.U.T RL Vin 10 V 50 Vin Vout 10 % 10 % 10 %
. . V DD = 30 V
td (on)
90 % tr
90 % td (off) tf


▲Up To Search▲   

 
Price & Availability of 2SK1835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X